Part Number Hot Search : 
1REEL C30641 HAT2099H 050SN1 UPC2002 D45H11 C671D SMD0603
Product Description
Full Text Search
 

To Download DEAB32E102DA2B Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  o part numbering (part number) high voltage ceramic capacitors (250v-6.3kv) t capacitance expressed by three figures. the unit is pico-farad (pf). the first and second figures are significant digits, and the third figure expresses the number of zeros which follow the two numbers. o individual specification code in case part number cannot be identified without "individual specification", it is added at the end of part number. expressed by three-digit alphanumerics. first three digits ( q product id and w series category) express "series name". vertical crimp long vertical crimp short straight long straight short vertical crimp taping straight taping t 102 y k q de u n2 r 3a e b3 w b i a o q product id w series category e temperature characteristics r rated voltage code 2e 2h 3a 3d 3f 3j lh y capacitance tolerance capacitance tolerance code c d j k z t 0.25pf t 0.5pf t 5% t 10% w 80%, y 20% contents outline code a b c h s f cap. change or temp. coeff. temperature range temperature characteristics rated voltage code b3 e3 f3 c3 r3 d3 1x 2c t 10% w 20%, y 55% w 30%, y 80% t 20% w 15%, y 30% t 15% w 15%, y 30% w 20%, y 30% w 350 to y 1000ppm/ d 0 t 60ppm/ d y 25 to w 85 d y 25 to w 85 d w 85 to w 125 d y 25 to w 85 d w 85 to w 125 d y 25 to w 125 d w 20 to w 85 d w 20 to w 85 d b e f c r d sl ch high voltage class 1 (char. sl) dc1-3.15kv rated class 2 dc1-3.15kv rated class 1, 2 dc6.3kv rated high temperature guaranteed, low-dissipation factor (char. r, c) high temperature guaranteed, low-dissipation factor (char. d) lcd backlight inverter circuit dc250v dc500v dc1kv dc2kv dc3.15kv dc6.3kv 6.3kvp-p product id de high voltage ceramic capacitors (250v-6.3kv) / safety standard certified ceramic capacitors u lead style lead style code a2 a3 a4 b2 / j2 b3 / j3 b4 c1 c3 c4 cd d1 d3 dd n2 n3 n7 p2 p3 lead spacing pitch of components lead diameter dimensions (mm) 5 7.5 10 5 7.5 10 5 7.5 10 7.5 5 7.5 7.5 5 7.5 7.5 5 7.5 ?.6 t 0.05 ?.6 t 0.05 ?.5 t 0.05 ?.6 t 0.05 ?.5 t 0.05 ?.5 t 0.05 ?.6 t 0.05 ?.5 t 0.05 ?.6 t 0.05 ?.6 t 0.05 y y y y 12.7 15 30 12.7 15 i packaging packaging code a b ammo pack taping type bulk type


▲Up To Search▲   

 
Price & Availability of DEAB32E102DA2B

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X